Part Number Hot Search : 
SC2331 FLU40 FAN7361 167BZI MCZ33 45F120 27VZCTR M2100
Product Description
Full Text Search
 

To Download MP32002ABS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT NETWORKS
MP
Vishay Thin Film
Surface Mount Network
FEATURES
* Lead (Pb)-free available * Small physical size SC70 format
MP 3 LEAD
Pb-free Available
* Tight resistance ratio tolerances 0.05 % * Low TCR tracking 2 ppm
RoHS*
COMPLIANT
* Excellent long term stability (500 ppm at 70 C for 2000 h)
MP 4 LEAD
* Center-tapped or isolated matched pair resistors
Actual Size
Vishay Thin Film MP Series Dividers provide 2 ppm/C tracking and a ratio tolerance as tight as 0.05 %, ultra small size, 3 or 4 lead package and exceptional stability for all surface mount applications. The standard SC70 package format with common standard resistance values provide easy selection for most applications requiring matched pair resistor elements. If you require a non-standard ratio, consult the applications engineering group as we may be able to meet your requirements with a custom design.
TYPICAL PERFORMANCE
ABS TCR 25 ABS TOL 0.1 TRACKING 2 RATIO 0.05
SCHEMATIC
3 R1 R2 R1 R2 4 3
STANDARD RESISTANCE VALUES
TYPE STANDARD VALUES R1 () 1K 10K 1K 10K R2 () 1K 10K 1K 10K
MP3
1 3 LEAD VERSION 2 1 4 LEAD VERSION 2
MP4
STANDARD ELECTRICAL SPECIFICATIONS
TEST Material Resistance Range TCR Tolerance: Power Rating: Stability Voltage Coefficient Working Voltage Operating Temperature Range Noise Thermal EMF Shelf Life Stability: Absolute Absolute Ratio Resistor Package SPECIFICATIONS Passivated Nichrome 100 to 50 k 25 ppm/C 0.10 %, 0.50 %, 1.0 % 0.05 % (standard), 1.0 % 0.075 W 0.150 W 500 ppm 0.1 ppm/V 50 V - 55 C to + 125 C < - 30 dB 0.1 V/C < 100 ppm 1 year at + 25 C Max. at + 70 C Max. at + 70 C 2000 h at + 70 C - 55 C to + 125 C + 25 C CONDITIONS
* Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 8 For technical questions, contact: thin-film@vishay.com Document Number: 60092 Revision: 14-Sep-07
MP
Surface Mount Network
SURFACE MOUNT NETWORKS
Vishay Thin Film
DIMENSIONS AND IMPRINTING in millimeters D SC70 3L
A A2 A1 B L L1 e b2 E1 E e2
DIMENSION A A1 A2 B b1 b2 D E E1
MIN. 0.800 0.000 0.800 0.100 0.400 0.200 1.800 1.800 1.150 1.300 0.650 0.100
MAX. 1.100 0.100 1.000 0.018 0.500 0.250 2.200 2.400 1.350 0.030
SC70 4L
A A2 A1 b2 B L L1 b1
D e
E1
E
e e2 L
MECHANICAL SPECIFICATIONS
Resistive Element Substrate Material Body Terminals Plating Marking Resistance to Solvents Lead (Pb)-free Option Lead (Pb)-free Finish Passivated Nichrome Silicon Epoxy Copper with Nickel barrier SN 60 Per MIL-PRF-914 100 % Sn Matte Plated
DERATING CURVE
100 % = 0.15 W
100
Precent of Rated Power
80 60 40 20 0 0 70 125 150
Ambient Temperature C
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MP31002AWS (preferred part number format)
M M
GLOBAL MODEL (2 or 3 digits) MP (Tin Lead) MPT (Lead (Pb)-free) (e3)
P T
3 4
1 2
0 0
0 0
2 1
A B
W T
S 1
P
LEADS 3 4
RESISTANCE The first 3 digits are significant figures and the last digit specifies the number of zeros to follow. When like values are required use total resistance. Example: 2001 = 2K (1K/1K) 2002 = 20K (10K/10K)
TOLERANCE AND RATIO TOLERANCE Abs. Tol. A = 0.1 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1.0 % Ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 %
PACKAGING BS = BULK 100 Min 1 Mult WS = WAFFLE 100 Min 1 Mult TAPE AND REEL T1 = 1000 Min 1000 Mult
Historical Part Number example: MP32002BW (will continue to be accepted) MP SERIES 3 LEADS 2002 RESISTANCE B TOLERANCE AND RATIO TOLERANCE W PACKAGING
Document Number: 60092 Revision: 14-Sep-07
For technical questions, contact: thin-film@vishay.com
www.vishay.com 9
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MP32002ABS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X